| Zakładka z wyszukiwarką danych komponentów |
|
M38K09RFS Arkusz danych(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS Arkusz danych(HTML) 44 Page - Renesas Technology Corp |
|
44 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 27 of 112 38K0 Group REJ09B0337-0200 HARDWARE USB Function Control Circuit (USBFCC) Block Diagram The following diagram shows the USBFCC block diagram. The cir- cuit comprises: (1) Serial Interface Engine (SIE) (2) Device Control Unit (DCU) (3) Internal Memory Interface (MIF) (4) CPU Interface (CIF) Fig. 24 USB Function Control Circuit (USBFCC) block diagram (1) Serial Interface Engine (SIE) The SIE performs the following USB lower-layer protocols (pack- ets, transactions): •Sampling of receive data and clock, generation of transmit clock •Serial-to-parallel conversion of transmit/receive data •NRZI (Non Return Zero Invert) encode/decode •Bit stuffing/unstuffing •SYNC (Synchronization Pattern) detection, EOP (End of Packet) detection •USB address detection, endpoint detection •CRC (Cyclic Redundancy Check) generation and checking (2) Device Control Unit (DCU) The DCU manages the following USB upper-layer protocols (ad- dress/endpoint and control-transfer sequence): •Status control for each endpoint •Control-transfer sequence control •Memory interface status control (3) Memory Interface (MIF) The MIF controls the flow of data transfer between the SIE and the multi-channel RAM under the management of the DCU. (4) CPU Interface (CIF) The CIF performs the following functions: •Mode setting via registers, DCU control signal generation, DCU status signal reading •Interrupt signal generation •Internal bus interface control. USB Function Control Circuit DCU control DCU status MIF control SIE control SIE status Transmit/Receive data D0+ D0- Multi-Channel RAM |