| Zakładka z wyszukiwarką danych komponentów |
|
TD230I Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TD230I Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 15 page ![]() Rs e ns e TD230 CTN R R Figure 13 : Wide Temperature Variations Rse nse TD23 0 C R Figure 14 : Temporisation Trace A represents the ripple voltage on CBOOST (200mV width). Trace B represents the voltage perturbation due to the Step-Up converter on the output (source of the power Mosfet = Board power supply). Traces 1 and 2 represent the same, but improved thanks to the Step-Up Noise reduction RC. 5.2. Precision Enhancement If the system needs accurate current limitation in an environment subject to very wide temperature variations, a good way to compensate fluctuations due to temperature variations is to use a CTN as described in figure 13. 5.3. Temporisation In some cases, it can be useful to let short current peaks pass without reaction of the breaker, though these are of higher value than the fixedcurrent limit. This enables the Electronic Circuit Breaker to be- have as a thermal disjonctor. This beha viour can easily be given by adding an RC constant as shown on figure 14. TD230 13/15 |