Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M38C33MBMXXXFS Arkusz danych(PDF) 21 Page - Renesas Technology Corp

Numer części M38C33MBMXXXFS
Szczegółowy opis  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C33MBMXXXFS Arkusz danych(HTML) 21 Page - Renesas Technology Corp

Back Button M38C33MBMXXXFS Datasheet HTML 17Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 18Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 19Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 20Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 21Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 22Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 23Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 24Page - Renesas Technology Corp M38C33MBMXXXFS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-6
M38C3
4
M
6 A
XXX
FP
Product
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
M
E
: Mask ROM version
: EPROM or One Time PROM version
RAM size
0
1
2
3
4
5
6
7
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
Package type
FP
FS
ROM number
Omitted in One Time PROM
version shipped in blank and
EPROM version.
A : Standard(Note)
M : M version
: 80P6N-A package
: 80D0 package
9
A
B
C
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
Note : Difference between standard and M version
• Standard :
• M version :
Port P50/TAOUT pin remains set to the input mode until the direction
register is set to the output mode during reset and after
reset.
Port P50/TAOUT pin remains set to the output mode (“L” output) until
the direction register is set to the input mode during reset
and after reset.
PART NUMBERING
Fig. 3 Part numbering
PART NUMBERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com