| Zakładka z wyszukiwarką danych komponentów |
|
TDA7310 Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7310 Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() APPLICATION INFORMATION (continued) The audioprocessor which has been addressed has to generate an acknowledge after the recep- tion of each byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse time. In this case the master transmitter can gen- erate the STOP information in order to abort the transfer. Transmission without Acknowledge Avoiding to detect the acknowledge of the audio- processor, the µP can use a simpler transmission: simply it waits one clock without checking the slave acknowledging, and sends the new data. This approach of course is less protected from misworking and decreases the noise immunity. Interface Protocol The interface protocol comprises: A start condition (s) A chip address byte, containing the TDA7310 address (the 8th bit of the byte must be 0). The TDA7310 must always acknowledge at the end of each transmitted byte. A sequence of data (N-bytes + acknowledge) A stop condition (P) SOFTWARE SPECIFICATION Chip address 1 MSB 00 01 0 A 0 LSB A = LOGIC LEVEL ON PIN ADDR DATA BYTES MSB LSB FUNCTION 0 1 1 1 1 0 0 0 0 1 1 0 0 1 1 1 B2 0 1 0 1 0 1 1 B1 B1 B1 B1 B1 G1 0 1 B0 B0 B0 B0 B0 G0 C3 C3 A2 A2 A2 A2 A2 S2 C2 C2 A1 A1 A1 A1 A1 S1 C1 C1 A0 A0 A0 A0 A0 S0 C0 C0 Volume control Speaker ATT LR Speaker ATT RR Speaker ATT LF Speaker ATT RF Audio switch Bass control Treble control Ax = 1.25dB steps; Bx = 10dB steps; Cx = 2dB steps; Gx = 6.25dB steps STATUS AFTER POWER ON RESET Volume speaker audio Switch bass treble gain -77.5dB -37.5dB Stereo 5 +2dB +2dB 0dB TDA7310 ADDRESS MSB first byte LSB MSB LSB MSB LSB S 1 00 0 1 0A 0 ACK DATA ACK DATA ACK P Data Transferred (N-bytes + Acknowledge) ACK = Acknowledge S = Start P = Stop MAX CLOCK SPEED 100kbits/s TDA7310 11/15 |