| Zakładka z wyszukiwarką danych komponentów |
|
TDA7318 Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7318 Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 14 page ![]() Audio Switch MSB LSB FUNCTION 0 1 0 G1 G0 S2 S1 S0 Audio Switch 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Stereo 1 Stereo 2 Stereo 3 Stereo 4 Not allowed Not allowed Not allowed Not allowed 0 0 1 1 0 1 0 1 +18.75dB +12.5dB +6.25dB 0dB For example to select the stereo 2 input with a gain of +12.5dB the 8bit string is: 01001 001 Bass and Treble 0 0 1 1 1 1 0 1 C3 C3 C2 C2 C1 C1 C0 C0 Bass Treble 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 1 1 0 0 1 1 1 1 0 0 1 1 0 0 0 1 0 1 0 1 0 1 1 0 1 0 1 0 1 0 -14 -12 -10 -8 -6 -4 -2 0 0 2 4 6 8 10 12 14 C3 = Sign For example Bass at -10dB is obtained by the following 8 bit string: 01100 010 TDA7318 11/14 |