Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7319 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części TDA7319
Szczegółowy opis  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7319 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button TDA7319 Datasheet HTML 3Page - STMicroelectronics TDA7319 Datasheet HTML 4Page - STMicroelectronics TDA7319 Datasheet HTML 5Page - STMicroelectronics TDA7319 Datasheet HTML 6Page - STMicroelectronics TDA7319 Datasheet HTML 7Page - STMicroelectronics TDA7319 Datasheet HTML 8Page - STMicroelectronics TDA7319 Datasheet HTML 9Page - STMicroelectronics TDA7319 Datasheet HTML 10Page - STMicroelectronics TDA7319 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Timing Diagram of I
2CBUS
Data Validity on the I
2CBUS
I
2C BUS INTERFACE
Data transmission from microprocessor to the
TDA7319 and viceversa takes place thru the 2
wires I
2C BUS interface, consisting of the two
lines SDA and SCL (pull-up resistors to positive
supply voltage must be externally connected).
Data Validity
As shown in fig. 3, the data on the SDA line must
be stable during the high period of the clock. The
HIGH and LOW state of the data line can only
change when the clock signal on the SCL line is
LOW.
Start and Stop Conditions
As shown in fig.4 a start condition is a HIGH to
LOW transition of the SDA line while SCL is
HIGH. The stop condition is a LOW to HIGH tran-
sition of the SDA line while SCL is HIGH.
Byte Format
Every byte transferred to the SDA line must con-
tain 8 bits. Each byte must be followed by an ac-
knowledge bit. The MSB is transferred first.
Acknowledge
The master (
µP) puts a resistive HIGH level on the
SDA line during the acknowledge clock pulse (see
fig. 5). The peripheral (audioprocessor) that ac-
knowledges has to pull-down (LOW) the SDA line
during the acknowledge clock pulse, so that the
SDA line is stable LOW during this clock pulse.
The audioprocessor which has been addressed
has to generate an acknowledge after the recep-
tion of each byte, otherwise the SDA line remains
at the HIGH level during the ninth clock pulse
time. In this case the master transmitter can gen-
erate the STOP information in order to abort the
transfer.
Transmission without Acknowledge
Avoiding to detect the acknowledge of the audio-
processor, the
µP can use a simplier transmis-
sion: simply it generates the 9th clock pulse with-
out checking the slave acknowledging, and then
sends the new data.
This approach of course is less protected from
misworking and decreases the noise immunity.
Acknowledge on the I
2CBUS
TDA7319
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16