| Zakładka z wyszukiwarką danych komponentów |
|
TDA7346D Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7346D Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() THERMAL DATA Symbol Description Value Unit Rth j-pins Thermal Resistance Junction-pins Ma x. 85 °C/W QUICK REFERENCE DATA Symbol Parameter Min. Typ. Max. Unit VS Supply Voltage 7 9 10.2 V VCL Max. input signal handling 2 Vrms THD Total Harmonic Distortion V = 1Vrms f = 1KHz 0.02 0.1 % S/N Signal to Noise Ratio V out = 1Vrms (mode = OFF) 106 dB SC Channel Separation f = 1KHz 70 dB ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS Operating Supply Voltage 10.5 V Tamb Operating Ambient Temperature -40 to 85 °C Tstg Storage Temperature Range -55 to +150 °C PS1 VS CREF L-in LP Lout REAR SDA SCL 1 3 2 4 5 6 7 8 9 ADDR Rout PS4 R-in PS3 HP2 HP1 LP1 PS2 20 19 18 17 16 14 15 13 12 D94AU128 DIG GND 10 AGND 11 PIN CONNECTION TDA7346 2/14 |