Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7461N Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części TDA7461N
Szczegółowy opis  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 3Page - STMicroelectronics TDA7461N Datasheet HTML 4Page - STMicroelectronics TDA7461N Datasheet HTML 5Page - STMicroelectronics TDA7461N Datasheet HTML 6Page - STMicroelectronics TDA7461N Datasheet HTML 7Page - STMicroelectronics TDA7461N Datasheet HTML 8Page - STMicroelectronics TDA7461N Datasheet HTML 9Page - STMicroelectronics TDA7461N Datasheet HTML 10Page - STMicroelectronics TDA7461N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DESCRIPTION OF THE AUDIOPROCESSOR
PART
Programmable Input Matrix
The programmable input matrix of the TDA7461N
offers several possibilities to adapt the audioproc-
essor to the desired application. In to the stand-
ard application we have:
CD quasi differential
Cassette stereo
Phone differential
AM mono
Stereodecoder input.
The input matrix can be configured by only 2 bits:
bits 3 and 4 of subaddress 0. Basically the bit of
subaddress 13 is fixed by the application and has
to be programmed only once at the startup of the
IC.
For many configurations the two bits are also
fixed during one application (e.g. the standard ap-
plication) and a change of the input source can
be done by loading the first three bits of subad-
dress 0.
In other configurations for some sources a pro-
gramming of bit 3 and 4 of subaddress 0 is nec-
essary in addition to the three source selection
bits. In every case only the subaddress 0 has to
be changed to switch from one source to another.
The following picture shows the input and source
programming flow:
TDA7461
CD QD
CD FD
APPL. 2
APPL. 1
APPL. 3
APPL. 5
APPL. 4
APPL. 6
CD QD
CASSETTE
FM STD
AM MONO
PHONE (D)
CD QD
CASSETTE
FM STD
AM STEREO
PHONE (SE)
CD QD
CASSETTE
FM STD
AM STD
PHONE (D)
CD FD
CASSETTE
FM STD
AM MONO
PHONE (SE)
CD FD
CASSETTE
FM STD
AM STEREO
CD FD
CASSETTE
FM STD
AM STD
PHONE (SE)
D97AU632B
Figure 1. Input Configuration Tree
Note: in AMSTD configuration the AM mono signal is lead through the FM stereodecoder part to use its additional filters and high-cut function.
TDA7461N
7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31