Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8174W Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części TDA8174W
Szczegółowy opis  VERTICAL DEFLECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8174W Arkusz danych(HTML) 5 Page - STMicroelectronics

  TDA8174W Datasheet HTML 1Page - STMicroelectronics TDA8174W Datasheet HTML 2Page - STMicroelectronics TDA8174W Datasheet HTML 3Page - STMicroelectronics TDA8174W Datasheet HTML 4Page - STMicroelectronics TDA8174W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1996 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
PACKAGE MECHANICAL DATA
11 PINS - PLASTIC CLIPWATT
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.10
0.122
B
1.10
0.04
C
0.15
0.006
D
1.50
0.059
E
0.52
0.02
F
0.80
0.03
G
1.70
0.066
G1
17.00
0.66
H1
12.00
0.48
H3
20.00
0.79
L
17.90
0.70
L1
14.40
0.57
L2
11.00
0.43
M
2.54
0.1
M1
2.54
0.1
TDA8174 - TDA8174W
5/5



Html Pages

1 2 3 4 5