| Zakładka z wyszukiwarką danych komponentów |
|
TDA9109 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9109 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 30 page ![]() I 2C BUS ADDRESS TABLE Slave Address (8C) : Write Mode Sub Address Definition D8 D7 D6 D5 D4 D3 D2 D1 0 000000 00 Horizontal Drive Selection / Horizontal Duty Cycle 1 000000 01 Horizontal Position 2 000000 10 Forced Frequency / Free Running Frequency 3 000000 11 Sync Priority / Horizontal Moiré Amplitude 4 000001 00 Refresh / B+ Reference Adjustment 5 000001 01 Vertical Ramp Amplitude 6 000001 10 Vertical Position Adjustment 7 000001 11 S Correction 8 000010 00 C Correction 9 000010 01 E/W Keystone A 000010 10 E/W Amplitude B 000010 11 E/W Corner Adjustment C 000011 00 Vertical Moiré Amplitude D 000011 01 Side Pin Balance E 000011 10 Parallelogram F 000011 11 Vertical Dynamic Focus Amplitude Slave Address (8D) : Read Mode No sub address needed. TDA9109/S 14/30 |