| Zakładka z wyszukiwarką danych komponentów |
|
TDA9111 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9111 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 43 page ![]() TDA9111 20/43 I2C BUS ADDRESS TABLE Slave Address (8C): Write Mode Sub Address Definition Slave Address (8D): Read Mode: No sub address needed. D8 D7 D6 D5 D4 D3 D2 D1 0 0 0 0 0 0000 Horizontal Drive Selection/Horizontal Duty Cycle 1 0 0 0 0 0001 X-ray Reset/Horizontal Position 2 0 0 0 0 0010 Horizontal Moiré/H Lock 3 0 0 0 0 0011 Sync. Priority/Horizontal Focus Amplitude 4 0 0 0 0 0100 Refresh/Horizontal Focus Symmetry 5 0 0 0 0 0101 Vertical Ramp Amplitude 6 0 0 0 0 0110 Vertical Position Adjustment 7 0 0 0 0 0111 S Correction 8 0 0 0 0 1000 C Correction 9 0 0 0 0 1001 E/W Keystone A 0 0 0 0 1010 E/W Amplitude B 0 0 0 0 1011 B+ Reference Adjustment C 0 0 0 0 1000 Vertical Moiré D 0 0 0 0 1001 Side Pin Balance E 0 0 0 0 1010 Parallelogram F 0 0 0 0 1011 Vertical Dynamic Focus Amplitude 10 0 0 0 1 0000 E/W Corner 11 0 0 0 1 0001 H. Moiré Frequency/Horizontal Size Amplitude |