| Zakładka z wyszukiwarką danych komponentów |
|
TEA7089AFP Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TEA7089AFP Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 17 page ![]() ELECTRICAL CHARACTERISTICS The block diagram is given in Figure 1. The values of the different networks used in this datasheet are defined as followed : - The return loss is adjusted by R10 of 600 Ω. - The transmit adjust gain network R8 is calculated in order to have a gain of 46dB typical with ILS = 22mA. - The sidetone network ZST is set to be lower than 20dB (Vear/Vmic) on a 600 Ω load on line. - The DC characteristics are set by a resistor of 82k Ω between VL and VS. Absolute Maximum Ratings Symbol Parameter Value Unit Authorized Voltage on Pin 2 - RECIN Pin 3 - SN Pin 8 - VCC Pin 10 - IVLS Pin 12 - VL Pin 13 - VMC Pin 17 - BUZ Pin 18 - VRING Pin 19 - RES Pin 20 - PON Pin 21 - RI Pin 22 - OSC Pin 23 - MSK Pin 24 - DATA Pin 25 - DCL Pin 26 - VRMC 13 12 11 6 12 6 VRING +0.3, GND -0.3 27 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 VRMC +0.3, GND -0.3 5 V V V V V V V V V V V V V V V V ILINE Line Current 120 mA IRING Ring Current 50 mA Toper Operating Temperature -25, +70 °C Tstg Storage Temperature -55, +150 °C Tj Junction Temperature -25, +150 °C DC Characteristics (Tamb =25 °C ; Logic in Default Mode unless otherwise noted) Symbol Parameter Test Conditions Min. Typ. Max. Unit VL Line Voltage - In Speech and DTMF Mode - In Mask Mode Test 1 IL = 22mA IL = 90mA IL = 22mA 4 6.7 4.6 7.5 5.2 8.3 3 V V V IVRMC Stabilized Supply Voltage - Output Current Test 1, IL = 22mA 1.5 mA VRMC - Output Voltage IRMC = 1.5mA 3.15 3.35 3.55 V IVMC Unstabilized Supply Voltage - Start up Current - Output Current Test 1, IL = 22mA VMC = 2.5V, IVRMC = 1.5mA VMC = 3.6V, IVRMC = 0mA 10 15 3 mA mA ILS Line Current Source Supply Test 1, VLS =0V ; VMC = 3.6V IL = 22mA IL = 90mA 10 67 14 75 18 82 mA mA The line current source supply depends of IL : - For IL < 20mA : ILS (mA) = 0.765 x IL (mA) - 1.4mA - For IL > 20mA : ILS (mA) = 0.92 x IL (mA) - 4.5mA On this pin the maximum output level is : V10 =V12 - (1.2 + 10 x ILS) and V10 <6V TEA7089A 4/17 |