| Zakładka z wyszukiwarką danych komponentów |
|
DSP56725 Arkusz danych(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56725 Arkusz danych(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 48 page ![]() Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1 Freescale Semiconductor 39 4.1 Pinout and Package Information This section provides information about the available package for DSP56724 and DSP56725 devices, including diagrams of the package pinouts. See Figure 30 for the DSP56724 pin assignments and Figure 31 for the DSP56725 pin assignments. For more detailed information about signals, refer to the Symphony™ DSP56724/DSP56725 Multi-Core Audio Processors Reference Manual (DSP56724RM). 4.1.1 Pinout for DSP56724 144-Pin Plastic LQFP Package Figure 30. DSP56724 144-Pin Package Pinout 108 IO_GND 107 IO_VDD 106 WDT 105 PINIT/NMI 104 TDO 103 TDI 102 TCK 101 TMS 100 SDO2_1/SDI3_1 99 SDO3_1/SDI2_1 98 SDO4_1/SDI1_1 97 SDO5_1/SDI0_1 96 CORE_GND 95 CORE_VDD 94 FSR 93 SCKR 92 HCKR 91 SCKT 90 FST 89 HCKT 88 SDO2/SDI3 87 SDO3/SDI2 86 SDO4/SDI1 85 SDO5/SDI0 84 SPDIFOUT1 83 SPDIFIN1 82 IO_GND 81 IO_VDD 80 EXTAL 79 XTAL 78 PLLP_GND 77 PLLD_GND 76 PLLD_VDD 75 PLLA_GND 74 PLLA_VDD 73 PLLP_VDD CORE_VDD 1 CORE_GND 2 LALE 3 LCS0 4 LCS1 5 LCS2 6 LCS3 7 LCS4 8 LCS5 9 LCS6 10 LCS7 11 IO_VDD 12 IO_GND 13 CORE_VDD 14 CORE_GND 15 LWE 16 LOE 17 LGPL5 18 LSDA10 19 LCKE 20 LCLK 21 LBCTL 22 LSDWE 23 LSDCAS 24 LGTA 25 LA0 26 LA1 27 LA2 28 IO_VDD 29 IO_GND 30 PLLP1_GND 31 PLLP1_VDD 32 PLLD1_GND 33 PLLD1_VDD 34 PLLA1_GND 35 PLLA1_VDD 36 DSP56724 144-Pin |