| Zakładka z wyszukiwarką danych komponentów |
|
MPDHTE1002CTF Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MPDHTE1002CTF Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 3 page ![]() MPH Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network Vishay Thin Film Document Number: 60013 For technical questions, contact: thin-film@vishay.com www.vishay.com Revision: 05-May-08 41 DIMENSIONS in inches and millimeters A 1 2 3 4 B C D E F G (Bottom View) DIMENSIONS INCHES MM A 0.155 3.937 B 0.080 2.032 C 0.225 5.715 D 0.025 typical 0.635 E 0.040 1.016 F 0.070 1.778 G 0.050 1.27 MECHANICAL SPECIFICATIONS Resistive Element Passivated nichrome Substrate Material Alumina Body Ceramic Terminals Gold over nickel Marking Resistance to Solvents Per MIL-PRF-83401 Lead (Pb)-free Option 96.5 % Sn, 3.0 % Ag, 0.5 % Cu Lead (Pb)-free Finish Hot solder dip GLOBAL PART NUMBER INFORMATION New Global Part Numbering: MPHK1003BUF (preferred part number format) GLOBAL MODEL (3 or 4 digits) TCR CHARACTERISTIC RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING MPH (Tin lead) MPHT (Lead (Pb)-free) (e1) E = 25 ppm/°C H = 50 ppm/°C K = 100 ppm/°C First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1001 = 1K 1002 = 10K Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % TAPE AND REEL T0 = 100 min. 100 mult T1 = 1000 min. 1000 mult T3 = 300 min. 300 mult T5 = 500 min. 500 mult TF = Full reel 2500 TS = 100 min. 1 mult UF = TUBED Historical Part Number example: MPHR1001B (will continue to be accepted) MPH R 1001 B SERIES TCR CHARACTERISTIC RESISTANCE TOLERANCE AND RATIO TOLERANCE TK 1 0 3 A U 0 H F MP K1 0 3 B U 0 H F MP |