| Zakładka z wyszukiwarką danych komponentów |
|
TS524 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS524 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage ±18 or +36 V Vid Differential Input Voltage - (note 1) ±30 V Vi Input Voltage - (note 1) ±15 V Output Short-Circuit Duration - (note 2) Infinite Toper Operating Free-air Temperature Range -40 to +105 oC Tj Maximum Junction Temperature +150 oC Tstg Storage Temperature -65 to +150 oC Ptot Maximum Power Dissipation - (note 2) 500 mW Notes : 1. Either or both input voltages must not exceed the magnitude of VCC + or VCC- 2. Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded Inverting Input Non-inverting Input VCC Output VCC SCHEMATIC DIAGRAM (1/4 TS524) OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage ±2.5 to ±15 V TS524 2/5 |