Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS7514CFN Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części TS7514CFN
Szczegółowy opis  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CFN Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button TS7514CFN Datasheet HTML 5Page - STMicroelectronics TS7514CFN Datasheet HTML 6Page - STMicroelectronics TS7514CFN Datasheet HTML 7Page - STMicroelectronics TS7514CFN Datasheet HTML 8Page - STMicroelectronics TS7514CFN Datasheet HTML 9Page - STMicroelectronics TS7514CFN Datasheet HTML 10Page - STMicroelectronics TS7514CFN Datasheet HTML 11Page - STMicroelectronics TS7514CFN Datasheet HTML 12Page - STMicroelectronics TS7514CFN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RECEIVE FILTER SELECTION AND GAIN PROGRAMMING REGISTER (RPRF REGISTER)
Address
Data
Reception Gain
(dB) (note 1)
Comments
D7
D6
D5
D4
D3
D2
D1
D0
P
101
X
X
00
0
XX
0
1
+ 6 *
XX
1
0
+ 12
X
X
1
1
0
Rx Channel Band = Tx Channel B and Tx to
Rx Loopback – 33dBm
≤ Rx Level ≤ 40dBm
X
0
X
X
X
Receive Filter Selected
X
1
X
X
X
Receive Filter Desabled
1
X
X
X
X
Receive F ilter Disconnected from RDI
Output and from Demodulator. Offset
Disabled.
* Power-up configuration.
Note 1 :
Depending on the line length, the received signal can be amplified. Programmable reception gain allows a level close to +3dBm
at the filter input to take benefit of the maximum filter dynamic range (S/N ratio). The following requirement must be met :
max. line level + prog. gain
≤+3dBm.
TRANSMISSION FILTER PROGRAMMING REGISTER (RPTF REGISTER)
Address
Data
ATO Transmission
D7
D6
D5
D4
D3
D2
D1
D0
P
1
0
0
0
0
0
0
MODEM or DTMF Signal*
0
0
0
1
ATxI via Smoothing Filter and Attenuator
0
0
1
0
ATxI via Low-pass Filter and Attenuator
0
0
1
1
ATxI via Band-pass Filter and Attenuator
0
1
0
0
In DTMF Mode, Transmision of High Tone Frequency
1
0
0
0
In DTMF Mode, Transmission of Low Tone Frequency
* Power-up configuration.
HYSTERESIS AND SIGNAL DETECTION LEVEL PROGRAMMING REGISTER (RHDL REGISTER)
Address
Data
N2 (dBm) (note 1)
See Figu re 4
N1/N2 (dB)
D7
D6
D5
D4
D3
D2
D1
D0
P
1
10
X
000
– 43 *
X
X
001
– 41
X
X
010
– 39
X
X
011
– 37
X
X
100
– 35
X
X
101
– 33
X
X
110
– 31
X
X
111
– 29
X
0X
X
X
X
3 *
1
X
X
X
X
3.5
* Power-up configuration.
Note 1 : Detection low level measured at the demodulator input. The line signal detection level is obtained by reducing the gain ate the filter.
TS7514
9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19