| Zakładka z wyszukiwarką danych komponentów |
|
TS925 Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS925 Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() Using the TS925 as a preamplifier and speaker driver TS925 12/17 Figure 16. Electrical schematic Headphone amplifier The operators A2 and A3 are organized in a push-pull configuration with a gain of 5. The stereo inputs can be connected to a CD-player and the TS925 can directly drive the head-phone speakers. This configuration shows the ability of the circuit to drive 32 Ω load with a maximum output swing and high fidelity suitable for sound and music. Figure 19 shows the available signal swing at the headset outputs: two other rail-to-rail competitor parts are employed in the same circuit for comparison (note the much reduced clipping level and crossover distortion). M ICRO P H O N E C1 C1 4 C2 C3 C4 Mike pream p lifier C5 AL C D1 D2 C6 C9 MIK E OU T P U T ST BY C7 Vcc C1 5 C 1 0 C1 8 C 8 AM PLIF IE R IN P U T LE F T AM PLIF IE R IN P U T RIG H T H e ad ph on es a m plifier H E AD PH O N E S Q1 P H A N TO M G R O UND C9 4 8 9 13 C10 7 6 5 10 10 11 12 C11 C12 C13 |