Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS941AI Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części TS941AI
Szczegółowy opis  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941AI Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button TS941AI Datasheet HTML 6Page - STMicroelectronics TS941AI Datasheet HTML 7Page - STMicroelectronics TS941AI Datasheet HTML 8Page - STMicroelectronics TS941AI Datasheet HTML 9Page - STMicroelectronics TS941AI Datasheet HTML 10Page - STMicroelectronics TS941AI Datasheet HTML 11Page - STMicroelectronics TS941AI Datasheet HTML 12Page - STMicroelectronics TS941AI Datasheet HTML 13Page - STMicroelectronics TS941AI Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TS941-TS942-TS944
12/14
TS944ID
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC MICROPACKAGE (SO)
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
° (typ.)
D (1)
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F (1)
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.020
0.050
M
0.68
0.027
S8
° (max.)
Note : (1) D and F do not include mold flash or protrusions - Mold flash or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA BOOK.
D
M
14
1
7
8
b
e3
e
E
LG
c1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14