| Zakładka z wyszukiwarką danych komponentów |
|
MPC8313CVRGDFA Arkusz danych(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313CVRGDFA Arkusz danych(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 51 JTAG 12 JTAG This section describes the DC and AC electrical specifications for the IEEE Std 1149.1™ (JTAG) interface. 12.1 JTAG DC Electrical Characteristics Table 47 provides the DC electrical characteristics for the IEEE Std 1149.1 (JTAG) interface. 12.2 JTAG AC Timing Specifications This section describes the AC electrical specifications for the IEEE Std 1149.1 (JTAG) interface. Table 48 provides the JTAG AC timing specifications as defined in Figure 42 through Figure 45. Table 47. JTAG Interface DC Electrical Characteristics Characteristic Symbol Condition Min Max Unit Input high voltage VIH —2.1 NVDD +0.3 V Input low voltage VIL — –0.3 0.8 V Input current IIN —— ±5 μA Output high voltage VOH IOH = –8.0 mA 2.4 — V Output low voltage VOL IOL = 8.0 mA — 0.5 V Output low voltage VOL IOL = 3.2 mA — 0.4 V Table 48. JTAG AC Timing Specifications (Independent of SYS_CLK_IN)1 At recommended operating conditions (see Table 2). Parameter Symbol2 Min Max Unit Notes JTAG external clock frequency of operation fJTG 0 33.3 MHz JTAG external clock cycle time t JTG 30 — ns JTAG external clock pulse width measured at 1.4 V tJTKHKL 15 — ns JTAG external clock rise and fall times tJTGR & tJTGF 02 ns TRST assert time tTRST 25 — ns 3 Input setup times: Boundary-scan data TMS, TDI tJTDVKH tJTIVKH 4 4 — — ns 4 Input hold times: Boundary-scan data TMS, TDI tJTDXKH tJTIXKH 10 10 — — ns 4 Valid times: Boundary-scan data TDO tJTKLDV tJTKLOV 2 2 11 11 ns 5 |