| Zakładka z wyszukiwarką danych komponentów |
|
MPC8313ZQAFDB Arkusz danych(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ZQAFDB Arkusz danych(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 27 Ethernet: Three-Speed Ethernet, MII Management Figure 14 shows the RGMII and RTBI AC timing and multiplexing diagrams. Figure 14. RGMII and RTBI AC Timing and Multiplexing Diagrams Duty cycle for 10BASE-T and 100BASE-TX 3, 5 tRGTH/tRGT 40 50 60 % Rise time (20%–80%) tRGTR — — 0.75 ns Fall time (20%–80%) tRGTF — — 0.75 ns GTX_CLK125 reference clock period tG12 6 —8.0 — ns GTX_CLK125 reference clock duty cycle tG125H/tG125 47 — 53 % Notes: 1. Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to represent RGMII and RTBI timing. For example, the subscript of tRGT represents the RTBI (T) receive (RX) clock. Note also that the notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For symbols representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT). 2. This implies that PC board design requires clocks to be routed such that an additional trace delay of greater than 1.5 ns is added to the associated clock signal. 3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively. 4. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed transitioned between. 5. Duty cycle reference is LVDDA/2 or LVDDB/2. 6. This symbol is used to represent the external GTX_CLK125 and does not follow the original symbol naming convention. Table 30. RGMII and RTBI AC Timing Specifications (continued) At recommended operating conditions with LVDDA/LVDDB of 2.5 V ± 5%. Parameter/Condition Symbol1 Min Typ Max Unit GTX_CLK tRGT tRGTH tSKRGT TX_CTL TXD[8:5] TXD[7:4] TXD[9] TXERR TXD[4] TXEN TXD[3:0] (At Transmitter) TXD[8:5][3:0] TXD[7:4][3:0] TX_CLK (At PHY) RX_CTL RXD[8:5] RXD[7:4] RXD[9] RXERR RXD[4] RXDV RXD[3:0] RXD[8:5][3:0] RXD[7:4][3:0] RX_CLK (At PHY) tSKRGT tSKRGT tSKRGT |