| Zakładka z wyszukiwarką danych komponentów |
|
MPC8313ECVRGDF Arkusz danych(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDF Arkusz danych(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 70 Freescale Semiconductor Package and Pin Listings TMS E4 I NVDD 4 TRST E5 I NVDD 4 TEST TEST_MODE F4 I NVDD 6 DEBUG QUIESCE F5 O NVDD System Control HRESET F2 IO NVDD 1 PORESET F3 I NVDD SRESET F1 I NVDD Clocks SYS_CR_CLK_IN U26 I NVDD SYS_CR_CLK_OUT U25 O NVDD SYS_CLK_IN U23 I NVDD USB_CR_CLK_IN T26 I NVDD USB_CR_CLK_OUT R26 O NVDD USB_CLK_IN T22 I NVDD PCI_SYNC_OUT U24 O NVDD 3 RTC_PIT_CLOCK R22 I NVDD PCI_SYNC_IN T24 I NVDD MISC THERM0 N1 I NVDD 7 THERM1 N3 I NVDD 7 PCI PCI_INTA AF7 O NVDD PCI_RESET_OUT AB11 O NVDD PCI_AD0 AB20 IO NVDD PCI_AD1 AF23 IO NVDD PCI_AD2 AF22 IO NVDD PCI_AD3 AB19 IO NVDD PCI_AD4 AE22 IO NVDD PCI_AD5 AF21 IO NVDD Table 63. MPC8313E TEPBGAII Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |