| Zakładka z wyszukiwarką danych komponentów |
|
SPC5702CEMLU Arkusz danych(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5702CEMLU Arkusz danych(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 98 page ![]() Pinout and Signal Descriptions MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 13 The following sections provide signal descriptions and related information about the functionality and configuration. 2.4.1 Pad Configuration during Reset Phases All pads have a fixed configuration under reset. During the power-up phase, all pads are forced to tristate. After power-up phase, all pads are floating with the following exceptions: • Analog input pins AN[0:9] are pull-up • EVTI (208-pin package only) is pull-up. • PB[6] (FAB) is pull-up. Without external strong pull-up the device starts fetching from flash • RESET pad is driven low. This is released only after PHASE2 reset completion. • Main oscillator pads (EXTAL, XTAL) are tristate. • PA[0] DCU_R0 is pull-up • PB[1] CNRX_A is pull-up • PB[10] CNRX_B is pull-up • PB[12] RXD_B is pull-up • PB[3] RXD_A is pull-up • PB[4] SCK_B is pull-up • PF[0] eMIOSA13 is pull-up • PF[11] eMIOSB23 is pull-up • PF[13] SIN_C is pull-up • PF[2] NMI is pull-up • PF[3] eMIOSA11 is pull-up • PF[5] eMIOSA9 is pull-up • PF[6] SDA_A is pull-up • PF[8] SDA_B is pull-up • PH[0] TCK is pull-up • PH[1] TDI is pull-up • PH[3] TMS is pull-up • PJ[4] PDI0 is pull-up • PJ[6] PDI2 is pull-up • PK[9] MDO3 is pull-up 2.4.2 Voltage Supply Pins Voltage supply pins are used to provide power to the device. Two dedicated pins are used for 1.2 V regulator stabilization. |