| Zakładka z wyszukiwarką danych komponentów |
|
LPC2158 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2158 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
|
7 / 45 page ![]() LPC2157_2158_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 15 October 2008 7 of 45 NXP Semiconductors LPC2157/2158 Single-chip 16-bit/32-bit microcontrollers P0[15]/RI1/ EINT2/AD1[5] 28[4] I/O P0[15] — General purpose input/output digital pin (GPIO). I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. I AD1[5] — ADC 1, input 5. P0[16]/EINT0/ MAT0[2]/CAP0[2] 29[2] I/O P0[16] — General purpose input/output digital pin (GPIO). I EINT0 — External interrupt 0 input. O MAT0[2] — Match output for Timer 0, channel 2. I CAP0[2] — Capture input for Timer 0, channel 2. P0[17]/CAP1[2]/ SCK1/MAT1[2] 30[1] I/O P0[17] — General purpose input/output digital pin (GPIO). I CAP1[2] — Capture input for Timer 1, channel 2. I/O SCK1 — Serial Clock for SSP. Clock output from master or input to slave. O MAT1[2] — Match output for Timer 1, channel 2. P0[18]/CAP1[3]/ MISO1/MAT1[3] 79[1] I/O P0[18] — General purpose input/output digital pin (GPIO). I CAP1[3] — Capture input for Timer 1, channel 3. I/O MISO1 — Master In Slave Out for SSP. Data input to SPI master or data output from SSP slave. O MAT1[3] — Match output for Timer 1, channel 3. P0[19]/MAT1[2]/ MOSI1/CAP1[2] 80[1] I/O P0[19] — General purpose input/output digital pin (GPIO). O MAT1[2] — Match output for Timer 1, channel 2. I/O MOSI1 — Master Out Slave In for SSP. Data output from SSP master or data input to SSP slave. I CAP1[2] — Capture input for Timer 1, channel 2. P0[20]/MAT1[3]/ SSEL1/EINT3 81[2] I/O P0[20] — General purpose input/output digital pin (GPIO). O MAT1[3] — Match output for Timer 1, channel 3. I SSEL1 — Slave Select for SSP. Selects the SSP interface as a slave. I EINT3 — External interrupt 3 input. P0[21]/PWM5/ AD1[6]/CAP1[3] 91[4] I/O P0[21] — General purpose input/output digital pin (GPIO). O PWM5 — Pulse Width Modulator output 5. I AD1[6] — ADC 1, input 6. I CAP1[3] — Capture input for Timer 1, channel 3. P0[22]/AD1[7]/ CAP0[0]/ MAT0[0] 92[4] I/O P0[22] — General purpose input/output digital pin (GPIO). I AD1[7] — ADC 1, input 7. I CAP0[0] — Capture input for Timer 0, channel 0. O MAT0[0] — Match output for Timer 0, channel 0. P0[23] 84[1] I/O P0[23] — General purpose input/output digital pin (GPIO). P0[25]/AD0[4]/ AOUT 97[5] I/O P0[25] — General purpose input/output digital pin (GPIO). I AD0[4] — ADC 0, input 4. O AOUT — DAC output. P0[26]/AD0[5] 98[7] I/O P0[26] — General purpose input/output digital pin (GPIO). I AD0[5] — ADC 0, input 5. This analog input is always connected to its pin. Table 2. Pin description LPC2157 …continued Symbol Pin Type Description |