| Zakładka z wyszukiwarką danych komponentów |
|
PCA9535C Arkusz danych(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535C Arkusz danych(HTML) 13 Page - NXP Semiconductors |
|
13 / 31 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte has previously been set to ‘00’ (read Input Port register). Fig 12. Read Input Port register, scenario 2 1 0 0 A2 A1 A0 1 A S0 START condition R/W acknowledge from slave 002aac224 A SCL SDA A read from port 0 P 9 8 7 6 5 4 3 2 1 I0.x slave address STOP condition acknowledge from master A I1.x acknowledge from master A I0.x acknowledge from master 1 I1.x non acknowledge from master data into port 0 read from port 1 data into port 1 INT tv(INT_N) trst(INT_N) DATA 00 DATA 10 DATA 03 DATA 12 DATA 00 DATA 01 th(D) th(D) DATA 02 tsu(D) DATA 03 tsu(D) DATA 10 DATA 11 DATA 12 |