Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF8562TT/S400/2 Arkusz danych(PDF) 15 Page - NXP Semiconductors

Numer części PCF8562TT/S400/2
Szczegółowy opis  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562TT/S400/2 Arkusz danych(HTML) 15 Page - NXP Semiconductors

Back Button PCF8562TT/S400/2 Datasheet HTML 11Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 12Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 13Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 14Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 15Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 16Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 17Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 18Page - NXP Semiconductors PCF8562TT/S400/2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
15 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.11 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load-data-pointer command (see Section 7.17). Following this, an
arriving data byte is stored at the display RAM address indicated by the data pointer in
accordance with the filling order shown in Figure 10. After each byte is stored, the
contents of the data pointer are automatically incremented by a value dependent on the
selected LCD drive mode: eight (static drive mode), four (1:2 mode), three (1:3 mode) or
two (1:4 mode). If an I2C-bus data access is terminated early then the state of the data
pointer will be unknown. The data pointer should be re-written prior to further RAM
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36