| Zakładka z wyszukiwarką danych komponentów |
|
CS2000-OTP Arkusz danych(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2000-OTP Arkusz danych(HTML) 4 Page - Cirrus Logic |
|
4 / 30 page ![]() CS2000-OTP 4 DS758PP1 1. PIN DESCRIPTION Pin Name # Pin Description VD 1 Digital Power (Input) - Positive power supply for the digital and analog sections. GND 2 Ground (Input) - Ground reference. CLK_OUT 3 PLL Clock Output (Output) - PLL clock output. AUX_OUT 4 Auxiliary Output (Output) - This pin outputs a buffered version of one of the input or output clocks, or a status signal, depending on configuration. CLK_IN 5 Frequency Reference Clock Input (Input) - Clock input for the Digital PLL frequency reference. XTO XTI/REF_CLK 6 7 Crystal Connections (XTI/XTO) / Timing Reference Clock Input (REF_CLK) (Input/Output) - XTI/XTO are I/O pins for an external crystal which may be used to generate the low-jitter PLL input clock. REF_CLK is an input for an externally generated low-jitter reference clock. M2 8 Mode Select (Input) - M2 is a configurable mode selection pin. M1 9 Mode Select (Input) - M1 is a configurable mode selection pin. M0 10 Mode Select (Input) - M0 is a configurable mode selection pin. 1 2 3 4 5 6 7 8 9 10 XTO CLK_OUT GND VD XTI/REF_CLK M2 M1 M0 AUX_OUT CLK_IN |