| Zakładka z wyszukiwarką danych komponentów |
|
CS5521-ASZ Arkusz danych(PDF) 52 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5521-ASZ Arkusz danych(HTML) 52 Page - Cirrus Logic |
|
52 / 56 page ![]() CS5521/22/23/24/28 52 DS317F6 4. ORDERING INFORMATION 5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Number Package Bits Channels Linearity Error (Max) Temperature Range CS5521-AS 20-pin 0.2" Plastic SSOP 16 2 ±0.003% -40 °C to +85°C CS5521-ASZ 20-pin 0.2" Plastic SSOP (Lead Free) CS5522-AP 20-pin 0.3" Plastic DIP 24 ±0.0015% CS5522-AS 20-pin 0.2" Plastic SSOP CS5522-ASZ 20-pin 0.2" Plastic SSOP (Lead Free) CS5523-AS 24-pin 0.2" Plastic SSOP 16 4 ±0.003% CS5523-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) CS5524-AP 24-pin 0.3" Plastic DIP 24 ±0.0015% CS5524-AS 24-pin 0.2" Plastic SSOP CS5524-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) CS5528-AS 24-pin 0.2" Plastic SSOP 8 CS5528-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) Model Number Package MSL Rating* Peak Reflow Temp Max Floor Life CS5521-AS 20-pin 0.2" Plastic SSOP 2 240 °C 365 Days CS5521-ASZ 20-pin 0.2" Plastic SSOP (Lead Free) 3 260 °C 7 Days CS5522-AP 20-pin 0.3" Plastic DIP 1 260 °C No Limit CS5522-AS 20-pin 0.2" Plastic SSOP 2 240 °C 365 Days CS5522-ASZ 20-pin 0.2" Plastic SSOP (Lead Free) 3 260 °C 7 Days CS5523-AS 24-pin 0.2" Plastic SSOP 2 240 °C 365 Days CS5523-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) 3 260 °C 7 Days CS5524-AP 24-pin 0.3" Plastic DIP 1 260 °C No Limit CS5524-AS 24-pin 0.2" Plastic SSOP 2 240 °C 365 Days CS5524-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) 3 260 °C 7 Days CS5528-AS 24-pin 0.2" Plastic SSOP 2 240 °C 365 Days CS5528-ASZ 24-pin 0.2" Plastic SSOP (Lead Free) 3 260 °C 7 Days |