| Zakładka z wyszukiwarką danych komponentów |
|
CS8422-DNZ Arkusz danych(PDF) 66 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8422-DNZ Arkusz danych(HTML) 66 Page - Cirrus Logic |
|
66 / 82 page ![]() 66 DS692PP1 CS8422 12.3.2 Isolating Transformer Requirements Please refer to the application note AN134: AES and SPDIF Recommended Transformers for resources on transformer selection 12.4 Channel Status Buffer Management 12.4.1 AES3 Channel Status (C) Bit Management The CS8422 contains sufficient RAM to store the first 5 bytes of C data for both A and B channels (5 x 2 x 8 = 80 bits). The user may read from this buffer’s RAM through the control port. The buffering scheme involves two buffers, named D and E, as shown in Figure 33. The MSB of each byte represents the first bit in the serial C data stream. For example, the MSB of byte 0 (which is at control port address 23h) is the consumer/professional bit for channel status block A. The first buffer (D) accepts incoming C data from the AES receiver. The 2nd buffer (E) accepts entire blocks of data from the D buffer. The E buffer is also accessible from the control port, allowing reading of the first five bytes of C data. The complete C data may be obtained through the C pin in Hardware Mode and through one of the GPO pins in Software Mode. The C data is serially shifted out of the CS8422 clocked by the rising and falling edges of OLRCK or VLRCK. RX .01 µF CS8422 AGND R1 R2 Vin + - R2 = 247.5 Vin R1 = 75 – R2 75 Ω Coax (1) (2) Figure 31. Receiver Input Attenuation – Single-ended Input 110 Ω Twisted Pair CS8422 RXP RXN Rin Rin R AGND Vin+ Vin- (1) R = 726 Vin+ - Vin- (2) Rin = 55 - R 2 Figure 32. Receiver Input Attenuation – Differential Input |