Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

USB6BX Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części USB6BX
Szczegółowy opis  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6BX Arkusz danych(HTML) 5 Page - STMicroelectronics

  USB6BX Datasheet HTML 1Page - STMicroelectronics USB6BX Datasheet HTML 2Page - STMicroelectronics USB6BX Datasheet HTML 3Page - STMicroelectronics USB6BX Datasheet HTML 4Page - STMicroelectronics USB6BX Datasheet HTML 5Page - STMicroelectronics USB6BX Datasheet HTML 6Page - STMicroelectronics USB6BX Datasheet HTML 7Page - STMicroelectronics USB6BX Datasheet HTML 8Page - STMicroelectronics USB6BX Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
USB6Bx
5/9
T1 / E1 Line Card Protection.
High Speed Line Driver / Receiver Protection.
ISDN U interface protection.
USB6Bx
3* SMP100
DC Power
Source
LT
RTIP
USB6B1
USB6B1
RRING
TTIP
TRING
SMP75-8 or SMP100-8
SMP75-8 or SMP100-8
DRIVER
SM6T6V8A
USB6B1
INPUT
+5V
RECEIVER
SM6T6V8A
USB6B1
OUTPUT
+5V
TELECOM AND DATACOM APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9