| Zakładka z wyszukiwarką danych komponentów |
|
ATSAM9708 Arkusz danych(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM9708 Arkusz danych(HTML) 14 Page - ATMEL Corporation |
|
14 / 31 page ![]() 14 1772E–DRMSD–10-Apr-06 ATSAM9708 12.2 External Memory Timing Overview One memory cycle consists of six internal master clock cycles (6 x t CK). The internal master clock period is one-fourth of the clock period at X1. The internal master clock is provided at pin CK_OUT when external SDRAM is connected (RAS sensed high during RESET). Figure 12-1. ROM and SRAM Basic Timing, DRAM = Low Figure 12-2. DRAM Basic Timing, DRAM = High Note: 1. See Table 12-1 on page 16. 012345 012345 0 12345 0 1 CK_OUT WA[26:0] WOE WWE RBS WD [15:0] ROM/SRAM16 READ SRAM16 WRITE SRAM8 WRITE 012345 012345 0 12345 0 1 DRAxx WD[15:0] DRAM READ DRAM WRITE DRAM REFRESH CAS RAS REFRESH WWE CK_OUT (1) row col |