| Zakładka z wyszukiwarką danych komponentów |
|
VIPER20ADIP Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20ADIP Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 25 page ![]() 15/25 VIPer20/SP/DIP - VIPer20A/ASP/ADIP COMP pin in order to limit the primary peak current of the device to a value: where: The suggested value for R1+R2 is in the range of 220K Ω. OVER-TEMPERATURE PROTECTION: Over-temperature protection is based on chip temperature sensing. The minimum junction temperature at which over-temperature cut-out occurs is 140ºC while the typical value is 170ºC. The device is automatically restarted when the junction temperature decreases to the restart temperature threshold that is typically 40ºC below the shutdown value (see figure 8). I DPEAK V COMP 0.5 – H ID ------------------------------------- = V COMP 0.6 R 1 R 2 + R 2 ---------------------- × = Figure 18: Typical Compensation Network Figure 20: External Clock Synchronization Figure 19: Slope Compensation Figure 21: Current Limitation Circuit Example - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 C1 FC00451 C2 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 R2 Q1 C2 C1 R3 FC00461 C3 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 10 k Ω FC00470 - + 13V OSC COMP SO URCE DRAIN VDD VIPer20 R1 R2 Q1 FC00480 |