| Zakładka z wyszukiwarką danych komponentów |
|
LPC2921 Arkusz danych(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Arkusz danych(HTML) 14 Page - NXP Semiconductors |
|
14 / 81 page ![]() LPC2921_2923_2925_0 © NXP B.V. 2008. All rights reserved. Preliminary data sheet Rev. 00.01 — 24 October 2008 14 of 81 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN and LIN 6.7.2 Base clock and branch clock relationship Table 7 contains an overview of all the base blocks in the LPC2921/2923/2925 and their derived branch clocks. A short description is given of the hardware parts that are clocked with the individual branch clocks. In relevant cases more detailed information can be found in the specific subsystem description. Some branch clocks have special protection since they clock vital system parts of the device and should not be switched off. See Section 6.15.5 for more details of how to control the individual branch clocks. Fig 4. LPC2921/2923/2925 overview of clock areas TIMER0/1 MTMR PWM0/1/2/3 ADC1/2 QEI modulation and sampling control subsystem BASE_MSCSS_CLK branch clocks branch clocks BASE_ADC_CLK BA SE_ICLK0_CLK BASE_ICLK1_CLK CAN0/1 GLOBAL ACCEPTANCE FILTER LIN0/1 I2C0/1 networking subsystem BASE_IVNSS_CLK branch clocks RESET/CLOCK GENERATION & POWER MANAGEMENT power control subsystem BASE_PCR_CLK branch clock GPIO0/1/5 TIMER 0/1/2/3 SPI0/1/2 UART0/1 WDT BASE_SYS_CLK CPU AHB MULTILAYER MATRIX VIC GPDMA USB REGISTERS FLASH/SRAM general subsytem peripheral subsystem AHB TO APB BRIDGES SYSTEM CONTROL EVENT ROUTER CFID branch clocks BASE_SAFE_CLK BASE_UART_CLK BASE_SPI_CLK BASE_TMR_CLK 002aae238 CGU0 CGU1 BASE_USB_CLK BASE_OUT_CLK USB CLOCK OUT |