Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SX1701 Arkusz danych(PDF) 8 Page - Semtech Corporation

Numer części SX1701
Szczegółowy opis  Highly linear wideband LNA Multi-channel, single-ended to differential conversion
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1701 Arkusz danych(HTML) 8 Page - Semtech Corporation

Back Button SX1701 Datasheet HTML 4Page - Semtech Corporation SX1701 Datasheet HTML 5Page - Semtech Corporation SX1701 Datasheet HTML 6Page - Semtech Corporation SX1701 Datasheet HTML 7Page - Semtech Corporation SX1701 Datasheet HTML 8Page - Semtech Corporation SX1701 Datasheet HTML 9Page - Semtech Corporation SX1701 Datasheet HTML 10Page - Semtech Corporation SX1701 Datasheet HTML 11Page - Semtech Corporation SX1701 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SX1701
ADVANCED COMMUNICATION & SENSING PRODUCTS
Datasheet
V1.11_STD – August 20
th, 2008
8/13
www.semtech.com
Reverse Isolation (G=18dB)
Input to Output Isolation in Shut Down Mode
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
Frequency (GHz)
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Output to Output Isolation
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
Frequency (GHz)
S11 parameter 40MHz to 2.5GHz (Gain = 18dB)
S22 parameter 40MHz to 2.5GHz (Gain = 18dB)
Figure 3. Typical Operating Characteristics Curves.
40 MHz
40 MHz
2.5 GHz
2.5 GHz
Shutdown
G=18dB
G=12dB
Shutdown
G=6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com