| Zakładka z wyszukiwarką danych komponentów |
|
XC6416 Arkusz danych(PDF) 4 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6416 Arkusz danych(HTML) 4 Page - Torex Semiconductor |
|
4 / 30 page ![]() 4/30 XC6416 Series PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN - 0.3 ~ + 6.5 V Output Current IOUT1+IOUT2 500 (*1) mA Output Voltage 1 / Output Voltage 2 VOUT1 /VOUT2 VSS - 0.3 VIN + 0.3 V EN1 / EN2 Input Voltage VEN1 /VEN2 VSS - 0.3 ~ + 6.5 V 120 USP-6C 1000 (PCB mounted) (*2) Power Dissipation SOT-26 Pd 250 mW Operating Temperature Range Topr - 40 ~ + 85 ℃ Storage Temperature Range Tstg - 55 ~ + 125 ℃ ■BLOCK DIAGRAMS ■ABSOLUTE MAXIMUM RATINGS * Diodes inside the circuits are ESD protection diodes and parasitic diodes. Ta=25OC < XC6416AA Series > < XC6416CD Series > *1) Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 } *2) This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 29 for details. |