| Zakładka z wyszukiwarką danych komponentów |
|
LT1584/5/7CT-3.6 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1584/5/7CT-3.6 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT1584/LT1585/LT1587 158457a M PACKAGE 3-LEAD PLASTIC DD FRONT VIEW VIN VOUT ADJ 3 2 1 TAB IS OUTPUT T PACKAGE 3-LEAD PLASTIC TO-220 VIN VOUT ADJ FRONT VIEW 3 2 1 TAB IS OUTPUT ABSOLUTE AXI U RATI GS (Note 1) VIN ............................................................................. 7V Operating Junction Temperature Range C-Grade Control Section ................................... 0 °C to 125°C Power Transistor ................................. 0 °C to 150°C I-Grade Control Section ............................... –40 °C to 125°C Power Transistor ............................. –40 °C to 150°C 100% Thermal Limit Functional Test PRECONDITIONI G ORDER PART NUMBER ORDER PART NUMBER θJA = 30°C/W* θJA = 50°C/W θJA = 30°C/W* θJA = 50°C/W LT1584CT-3.3 LT1584IT-3.3 LT1585CT-3.3 LT1587CT-3.3 LT1584CT-3.38 LT1585CT-3.38 LT1584CT-3.45 LT1585CT-3.45 LT1587CT-3.45 LT1584CT-3.6 LT1585CT-3.6 LT1587CT-3.6 * With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane. θJA can vary from 20°C/W to >40 °C/W with other mounting techniques. LT1585CM-3.3 LT1585CM-3.38 LT1585CM-3.45 LT1585CM-3.6 LT1587CM-3.3 LT1587CM-3.45 LT1587CM-3.6 LT1585CM LT1587CM LT1584CT LT1585CT LT1587CT PACKAGE/ORDER INFORMATION M PACKAGE 3-LEAD PLASTIC DD FRONT VIEW VIN VOUT GND 3 2 1 TAB IS OUTPUT T PACKAGE 3-LEAD PLASTIC TO-220 VIN VOUT GND FRONT VIEW 3 2 1 TAB IS OUTPUT Storage Temperature Range ................. – 65 °C to 150°C Lead Temperature (Soldering, 10 sec).................. 300 °C Consult LTC Marketing for parts specified with wider operating temperature ranges. |