Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RKA4P Arkusz danych(PDF) 4 Page - Altech corporation

Numer części RKA4P
Szczegółowy opis  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTECH [Altech corporation]
Strona internetowa  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RKA4P Arkusz danych(HTML) 4 Page - Altech corporation

  RKA4P Datasheet HTML 1Page - Altech corporation RKA4P Datasheet HTML 2Page - Altech corporation RKA4P Datasheet HTML 3Page - Altech corporation RKA4P Datasheet HTML 4Page - Altech corporation RKA4P Datasheet HTML 5Page - Altech corporation RKA4P Datasheet HTML 6Page - Altech corporation RKA4P Datasheet HTML 7Page - Altech corporation RKA4P Datasheet HTML 8Page - Altech corporation RKA4P Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LK10 UL
LK10 Y/R UL
LK11 U
LK11 Y/R U
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Extended Handle Accessories
Cat. No.
LK10 UL
LK10 Y/R UL
LK11 U
LK11 Y/R U
Environmental Rating
NEMA Type 4X, IP66
NEMA Type 4X, IP66
NEMA Type 4X, IP67
NEMA Type 4X, IP67
Color
Black
Yellow/Red
Black
Yellow/Red
DOOR INTERLOCK HANDLES
Cat. No.
KU1.V
KU2.V
VKA1.V
VKA2.V
Electrical Rating
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
No. of contacts
1n.o./1n.c.
2n.o./2n.c.
1n.o./1n.c.
2n.o./2n.c.
For Use With
KU models
KU models
VKA models
VKA models
AUXILIARY SWITCHES
Cat. No.
KV 10x38
KV 10x38 CC
Electrical Rating
30A/600V AC
30A/600V AC
Fuse Type
10x38, Midget
Class CC
For Use With
KU340N
KU340N
FUSE HOLDER
Cat. No.
L100AD11-ST
L200AD11-ST
L300AD11-ST
Length (L)
100mm
200mm
300mm
Material
Steel
Steel
Steel
58 mm
56 mm
59 mm
32 mm
LK10 (Y/R) UL:
• Single hole mounting
(22.5mm)
• Defeatable (built-in
mechanism)
LK11 (Y/R) U:
• Retention mechanism (only
rotates 90° from off to on,
keeps handle in off position
while cabinet door is open)
• Defeatable (looses NEMA
rating)
The steel shaft ensures
reliable operation even
in the toughest
conditions.
The auxiliary switches
are the snap-on type
and can be retrofitted.
This fuseholder can be
retrofitted with the
KU340N. Therefore
design changes can be
incorporated with ease
to allow a fusible
disconnect.
Shown with extended
handle switch.
Dimensions (to convert to inches multiply by 0.03937)
6
63 mm
28.2 mm
Ø22.5 mm
Ø4 mm
ø22 mm
Panel Drilling:
3 mm
Drill
Template
Included
DOOR INTERLOCK SHAFT
LK10
LK11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com