| Zakładka z wyszukiwarką danych komponentów |
|
HE10HWPR/05 Arkusz danych(PDF) 2 Page - Altech corporation |
|
|
|||||||||||||||||||||||||||||
HE10HWPR/05 Arkusz danych(HTML) 2 Page - Altech corporation |
|
2 / 10 page ![]() 81 Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com E A S Y M O U N T I N G S A V E S I N S T A L L A T I O N T I M E Eurostrips are mounted quickly in pan- els. Use standard screws or mounting pins, offered as acces- sories in this sec- tion, or leave them free floating to completely elimi- nate mounting. E A S Y C O N N E C T I O N S AV E S M O N E Y What could be easier? Simply strip the wire insulation, insert the wire and tighten the screw to achieve a gas- tight, electrically efficient connection— every time. Wire lugs are eliminated, saving material cost and installation time. E A S Y M O D I F I C AT I O N R E D U C E S I N V E N T O RY Offered in easy to cut 12 pole strips, they can also be ordered precut with the required number of poles. Polyamide housing can be cut with a utility knife or hacksaw, providing flexibility to meet changing needs. Because standard 12 pole strips can be so easily cut to the required number of poles, stocking is simplified and inventory is minimized. R E L I A BL E C O N N E C T I O N E V E RY T I M E The basis for the Eurostrip’s reliable connection is a precision machined tubular screw clamp insert made from highly conductive copper alloy which is nickel plated for maximum corrosion resistance. The clamping screw material is high strength steel to pre- vent screw head breakage or thread damage. This pro- vides trouble free operation. Screws are electro- galvanized and bluechromated to provide corrosion resistance. Optional nickel plated brass screws may be ordered for highly corro- sive environments or marine applica- tions. Standard Eurostrips feature stainless steel wire protectors. Unlike wire pro- tectors found in many competitive prod- ucts which use copper alloy materials, stainless steel has superior memory characteristics. Accordingly, the wire protector will return to its original posi- tion even after repeated use. This means trouble-free wire insertion and quicker reconnections. H O U S I N G S Eurostrip housings are injection molded from self-extinguishing polyamide 6.6 molding material, possessing high dielectric strength and excellent electri- cal insulation and temperature resist- ance. Each housing has been specially designed to provide creepage and clearance distances to achieve ratings up to 600V. Choose low profile, flat base housings for minimum clearance applications (300V) or housings with mounting feet for maximum voltage isolation (600V). A C C E S S O R I E S External jumpers bus potentials between poles on Eurostrips, eliminat- ing wire jumpers and reducing wiring time. Isolation partition increases clearance between adjacent poles and provides visual separation for more efficient wiring. Mounting pins simpli- fy installation and mounting of Eurostrips. Simply drill the mounting hole, position and install the pin from underneath the panel. When correct position is reached, pin will retain ter- minal to panel. Identify circuits and reduce wiring mis- takes with marking plates. Order plates imprinted or blank. Position under or on top of a Eurostrip housing. Imprinting Eurostrips reduces wiring errors and helps to identify circuits. Use Imprinting to mark individual poles when high quantities are involved or custom imprints are required. |