Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAS40T Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części KAS40T
Szczegółowy opis  Surface Mount Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS40T Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS40T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
SOT-523
Unit: mm
0.2+0.05
-0.05
1.0+0.1
-0.1
1.6+0.1
-0.1
0.3+0.25
-0.05
0.5+0.1
-0.1
0.1+0.01
-0.01
1
2
3
1. Base
2. Emitter
3. Collecter
Surface Mount Schottky Barrier Diode
KAS40T,-04T,-05T,-06T
(BAS40T,-04T,-05T,-06T)
Features
Low Forward Voltage Drop
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and
ESD Protection
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current
IFM
200
mA
Forward Surge Current @ t = 1.0s
IFSM
600
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
R JA
833
/W
Operating Temperature Range
Tj
-55to+125
Storage Temperature Range
TSTG
-65to+150
40
V
Marking
NO.
KAS40T
KAS40-04T
KAS40-05T
KAS40-06T
Marking
43444546
KAS40T
KAS40-06T
KAS40-05T
KAS40-04T
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R IR=10
A
40
V
IF=1.0mA,tp
300
s
380
IF=40mA,tp
300
s
1000
Reverse Leakage
IR
VR=30V
200
nA
Junction Capacitance
Cj
VR=0V, f=1.0MHz
5.0
pF
Reverse Recover Time
Trr
IF =IR = 10mA ,Irr =0.1 XIR,RL = 100
5.0
ns
VF
Forward Voltage
mV


Podobny numer części - KAS40T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KAS40 KEXIN-KAS40 Datasheet
45Kb / 1P
Surface Mount Schottky Barrier Diode
KAS40-04 KEXIN-KAS40-04 Datasheet
45Kb / 1P
Surface Mount Schottky Barrier Diode
KAS40-04W KEXIN-KAS40-04W Datasheet
33Kb / 1P
Surface Mount Schottky Barrier Diode
KAS40-05 KEXIN-KAS40-05 Datasheet
45Kb / 1P
Surface Mount Schottky Barrier Diode
KAS40-05W KEXIN-KAS40-05W Datasheet
33Kb / 1P
Surface Mount Schottky Barrier Diode
More results

Podobny opis - KAS40T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com