Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC660EPA Arkusz danych(PDF) 2 Page - TelCom Semiconductor, Inc

Numer części TC660EPA
Szczegółowy opis  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660EPA Arkusz danych(HTML) 2 Page - TelCom Semiconductor, Inc

  TC660EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-6
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: Specifications Measured Over Operating Temperature Range With,
V+ = 5V, COSC = Open, C1, C2 = 150µF, FC = Open, Test Circuit
(Figure 1), unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I+
Supply Current
RL =
∞
FC pin = OPEN or GND
—
200
500
µA
FC pin = V+
—1
3
mA
V+
Supply Voltage Range
LV = HIGH, RL = 1 kΩ
3
—
5.5
V
LV = GND, RL = 1 kΩ
1.5
—
5.5
LV = OUT, RL = 1 kΩ (Figure 9)
2.5
—
5.5
ROUT
Output Source Resistance
IOUT = 100mA
—
6.5
10
Ω
IOUT
Output Current
VOUT < – 4V
100
—
—
mA
FOSC
Oscillator Frequency
Pin 7 open; Pin 1 open or GND
—
10
—
kHz
Pin 1 = V+
—90—
IOSC
Input Current
Pin 1 open
—
+1.1
—
µA
Pin 1 = V+
—
+5—
PEFF
Power Efficiency (Note 4)
RL = 1 kΩ connected between V+ & VOUT
96
98
—
%
RL = 500Ω connected between VOUT & GND
92
96
—
IL = 100mA to GND
—
88
—
VOUT EFF
Voltage Conversion Efficiency
RL =
∞
99
99.9
—
%
NOTES: 1. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to "power up" of the TC660.
2. Derate linearly above 50
°C by 5.5 mW/°C.
3. To prevent damaging the device, do not short VOUT to V+.
4. To maximize output voltage and efficiency performance, use low ESR capacitors for C1 and C2.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ........................................................... +6V
LV, FC, OSC Input
Voltage (Note 1) ....................... VOUT – 0.3V to (V+ +0.3V)
Current Into LV (Note 1) ...................... 20
µA for V+ >3.5V
Output Short Duration (VSUPPLY ≤ 5.5V) (Note 3) .. 10 Sec
Power Dissipation (Note 2) (TA ≤ 70°C)
SOIC ............................................................... 470mW
Plastic DIP ...................................................... 730mW
Operating Temperature Range
C Suffix .................................................. 0
°C to +70°C
E Suffix ............................................. – 40
°C to +85°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
TC660
100mA CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER



Html Pages

1 2 3 4 5 6 7 8