Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BPW180-0828-14CB95 Arkusz danych(PDF) 6 Page - Actel Corporation

Numer części BPW180-0828-14CB95
Szczegółowy opis  SE-CSG180-H, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTEL [Actel Corporation]
Strona internetowa  http://www.actel.com
Logo ACTEL - Actel Corporation

BPW180-0828-14CB95 Arkusz danych(HTML) 6 Page - Actel Corporation

  BPW180-0828-14CB95 Datasheet HTML 1Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 2Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 3Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 4Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 5Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 6Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 7Page - Actel Corporation BPW180-0828-14CB95 Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Socket Mounting Recommendations and Reflow Profile
E-tec Interconnect Ltd, Industrial Zone C, CH-1072 Forel (Lavaux), Switzerland
Phone +41-21-781 08 10 · www.e-tec.com · info@e-tec.com
E-tec Socket Mounting Recommendations
PRELIMINARY
4
Verifying the Assembly
After the socket has been reflowed to the PCB, open and short testing should be partaken to
ensure proper assembly. The assembly house typically performs x-ray inspection to verify non-
shorting of pins. However, as this is only a visual inspection, we recommend using a continuity
tester or ohmmeter and simply sweeping random rows and columns of pins to ensure no shorting
of pins. No damage to the springs will occur if very slight pressure from the meter’s tips is
applied (just touch the probes to the springs). For fine pitch sockets, a microscope would be
helpful in placing the meter’s tips appropriately.
After verifying the absence of shorts, open testing should be performed. The most direct, yet
tedious, method is to use the continuity tester to directly probe each pin to a breakout or test
point on the board. Again no damage will occur if the probes are touched to the springs. If heavy
pressure is required to push the socket body towards the PCB to achieve continuity, this means a
poor solder joint. If no such test points exist, then the BGA’s via field on the backside of the
PCB should be kept solder-mask free to allow for such probing. If the via field is kept open, a
simpler open testing method can be performed. Simply use a wet sponge (or some other
conductive material) and hold it onto the via field. This shorts all the pins together on the PCB.
Insert one probe of the continuity tester into the sponge. Now sweep the pins of the socket with
the other probe and check for continuity.
If the above procedures show any shorts or opens, then it is advisable to have the assembly house
re-evaluate the assembly method used. An incorrect stencil can lead to too much or too little
solder paste, easily leading short or open conditions and a solder paste with Ag contents
(>=0.5%) may also result in solder joint failures. These are the primary reasons for socket
mounting failures.
Important Notes:
a) Screw/Twist Lock Socket
When tightening the lid of a Screw or Twist Lock socket, it is imperative to not over-tighten the
retention screws, otherwise irreparable damage may occur. Such damage is not covered by
warranty and will be solely the end user’s responsibility. The maximum allowed torque on these
retention screws is 7cN-m (10oz-in) for sockets up to 800 pins and for sockets as of 800 pins the
torque value needs to be increased but should not exceed a maximum of 10cN-m (14oz-in). E-tec
sells the torque screwdriver TOL-7CN-TORQUE which is preset to 7cN-m, but which can be
adjusted to higher torque values for the high pin count sockets.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com