| Zakładka z wyszukiwarką danych komponentów |
|
ARMV4T Arkusz danych(PDF) 28 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
ARMV4T Arkusz danych(HTML) 28 Page - Actel Corporation |
|
28 / 30 page ![]() CoreMP7 28 v2.6 Ordering Information All variants of the CoreMP7 soft IP core are included in the CoreConsole IDP. To use CoreMP7, you need to download CoreConsole, which is available for free at: http://www.actel.com/custsup/updates/coreconsole/. You can also request that a CoreConsole CD (which includes CoreMP7) be mailed to you. List of Changes The following table lists critical changes that were made in the current version of the document. Previous Version Changes in Current Version (v 2 .6 ) Page v2.5 The "ARM Supported Families" section was updated to remove ProASIC3E (M7A3PE). 1 The "Device Utilization" section was updated. The CoreMP7S variant was renamed to Core Only and the CoreMP7Sd variant was renamed to Core Plus Debug. 2 Table 1 • CoreMP7 Utilization and Performance was updated to remove all devices except M7AFS600 and M7A3P1000 and to change the names of the CoreMP7 variants to Core Only and Core Plus Debug. 2 The "CoreMP7 Variants" section was updated. 13 The "Delivery and Deployment" section was updated. 14 The "BFM Usage Flow" section was updated to clarify creation of the system memory map. 14 v2.4 Table 1 was updated. 2 Notes were added to Table 6. 22 v2.3 Table 1 was updated with AFS600 information. 2 The "Bus Functional Model" section was updated. 14 Notes were added to Table 6. 22 v2.2 The datasheet was updated to include Fusion devices. NA Table 1 was updated. 2 The "CoreMP7 Variants" section was updated. 13 v2.1 Table 1 was updated. 2 v2.0 The "No Coprocessor Interface" section was updated. 13 The "Little Endian Only" section was updated. 13 |