Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CORE429-SN Arkusz danych(PDF) 21 Page - Actel Corporation

Numer części CORE429-SN
Szczegółowy opis  ARINC 429 Bus Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTEL [Actel Corporation]
Strona internetowa  http://www.actel.com
Logo ACTEL - Actel Corporation

CORE429-SN Arkusz danych(HTML) 21 Page - Actel Corporation

Back Button CORE429-SN Datasheet HTML 14Page - Actel Corporation CORE429-SN Datasheet HTML 15Page - Actel Corporation CORE429-SN Datasheet HTML 16Page - Actel Corporation CORE429-SN Datasheet HTML 17Page - Actel Corporation CORE429-SN Datasheet HTML 18Page - Actel Corporation CORE429-SN Datasheet HTML 19Page - Actel Corporation CORE429-SN Datasheet HTML 20Page - Actel Corporation CORE429-SN Datasheet HTML 21Page - Actel Corporation CORE429-SN Datasheet HTML 22Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ARINC 429 Bus Interface
v5.0
21
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these
categories are as follows:
Product Brief
The product brief is a summarized version of an advanced or production datasheet containing general product
information. This brief summarizes specific device and family information for unreleased products.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
v4.0
The title of Table 4 was updated. The Fusion device was changed to AFS1500.
4
v3.1
The "Supported Families" section was updated to include Fusion.
1
The "Core429 Device Requirements" section was updated to include Fusion data.
3
v3.0
The "Core Deliverables" section was updated.
1
Table 5 is new.
4
Table 9 was updated.
9
Figure 9 was updated.
16
v2.0
The "Core429 Device Requirements" section was updated.
3
Table 1 was updated.
3
Table 2 was updated.
3
Table 3 was updated.
4
Table 4 was updated.
4
Table 20 was updated.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22