Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP563 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części TIP563
Szczegółowy opis  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP563 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP563 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP563 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
TIP562/563
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP562
300
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
TIP563
IC=100mA ; IB=0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1.66A
1.2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 5A
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 1.66A
1.4
V
TIP562
VCE= 270V;IB= 0
1.0
ICEO
Collector
Cutoff Current
TIP563
VCE= 360V;IB= 0
1.0
mA
TIP562
VCB= 300V;IE= 0
0.1
ICBO
Collector
Cutoff Current
TIP563
VCB= 400V;IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC=0
5.0
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 4V
20
hFE-2
DC Current Gain
IC= 10A ; VCE= 4V
8
Switching Times
td
Delay Time
0.05
μs
tr
Rise Time
0.5
μs
tstg
Storage Time
1.2
μs
tf
Fall Time
VCC= 180V;VBE= -5.2V
IC= 10A; IB1= -IB2= 2A
0.3
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com