Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS052S Arkusz danych(PDF) 2 Page - Bedford Opto Technology Ltd.

Numer części BOS052S
Szczegółowy opis  Slotted Optical Switch Schmitt output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOT [Bedford Opto Technology Ltd.]
Strona internetowa  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

BOS052S Arkusz danych(HTML) 2 Page - Bedford Opto Technology Ltd.

  BOS052S Datasheet HTML 1Page - Bedford Opto Technology Ltd. BOS052S Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS at 25 °C
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITION
INPUT DIODE
Vf
Ir
Forward Voltage
Reverse Leakage Current
1.5
100
Volts
uA
If = 20 mA
Vr = 2V
DETECTOR
Vcc
Iccl
Icch
Vol
Voh
HYST
tpLH
tpHL
Tr
Tf
Supply voltage
Low level supply current
High level supply current
Low level output voltage
High level ourput voltage
Hysteresis
Propagation delay Low-High
Propagation delay High-Low
Rise time
Fall time
4.5
4.0
5.0
2.0
3.0
2.4
10
5
5
60
15
12
12
15
10
12
0.4
Volts
mA
mA
mA
mA
Volts
Volts
uS
uS
nS
nS
Vcc=5V
Vcc=12V
Vcc=5V
Vcc=12V
Iol=12.8 If=0mA
Ioh=0mA If=20mA
Vcc=5V If=20mA
Vcc=5V If=20mA
Rl=390ohm Cl=50pF
ditto
COUPLED
Ift
Trigger Current
1
10.0
mA
Vcc=5V
BOS052S
Slotted Optical Switch
Schmitt output
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (25
°C )
INPUT DIODE
FORWARD DC CURRENT
REVERSE DC VOLTAGE
POWER DISSIPATION
DERATING FACTOR ABOVE 25°C
50mA
3V
100mW
1.6mW
OUTPUT SENSOR
SUPPLY VOLTAGE
OUTPUT SINK CURRENT
SHORT Vo TO Vcc or GROUND
12V
18mA
1 sec
OPERATING TEMP
-40°C to +85°C
STORAGE TEMP
-40°C to +85°C
LEAD SOLDERING TEMP ( t = 3 sec 1.6mm from body)
240 °C



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com