Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS052 Arkusz danych(PDF) 1 Page - Bedford Opto Technology Ltd.

Numer części BOS052
Szczegółowy opis  Slotted Optical Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOT [Bedford Opto Technology Ltd.]
Strona internetowa  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

BOS052 Arkusz danych(HTML) 1 Page - Bedford Opto Technology Ltd.

  BOS052 Datasheet HTML 1Page - Bedford Opto Technology Ltd. BOS052 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54
12.95
6.86
5.08
10.16
7.62min
OPTICAL CENTRE
1.27
1
4
3
2
6.22 ±0.12
0.5 SQ LEADS
CATHODE
COLLECTOR
ANODE
EMITTER
4
NOTES
1. DIMENSIONS IN mm.
2. TOLERANCE +/- 0.25 UNLESS STATED
2
1
3
3.81
3.81
ANODE INDICATED
BY CIRCULAR RECESS
ON TOP OF PACKAGE
BOS052
is
a
compact
optical switch with a 5.2mm
slot width. It uses a plastic
packaged Gallium Arsenide
light
emitter
and
NPN
silicon phototransistor.
•
Low profile.
•
Min/Max sensitivitty
•
Opaque housing.
•
5.2mm slot width.
•
Equivalent to Optek
OPB855and Honeywell
HOA1882
BOS052
Slotted Optical Switch
MECHANICAL DATA
ISS B 15.3.02
FEATURES
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk


Podobny numer części - BOS052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bedford Opto Technology...
BOS052S BOT-BOS052S Datasheet
112Kb / 2P
Slotted Optical Switch Schmitt output
More results

Podobny opis - BOS052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com