| Zakładka z wyszukiwarką danych komponentów |
|
LTC4309IGN-TRPBF Arkusz danych(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4309IGN-TRPBF Arkusz danych(HTML) 13 Page - Linear Technology |
|
13 / 16 page ![]() LTC4309 13 4309fa Figure 6. The LTC4309 in a Level Shifting Repeater/Bus Extender Application. SDAIN SCLIN DISCEN ENABLE READY FAULT SDAOUT SCLOUT C1 0.01μF C2 0.01μF LTC4309 VCC VCC2 GND 3.3V SDA1 2.5V SCL1 R3 10k R2 10k R4 10k R1 10k SDAIN SCLIN DISCEN ENABLE READY FAULT SDAOUT SCLOUT C4 0.01μF C3 0.01μF LTC4309 VCC VCC2 GND 5V SDA2 SCL2 R8 10k R9 10k R7 10k R10 10k R5 2.7k R6 2.7k 4309 F04 ACC ACC VCC2 SDAIN SCLIN FAULT READY ENABLE SDA SCL FAULT READY ENA1 DISCEN SDAOUT SCLOUT ACC C1 0.01μF R5 10k R1 10k VCC VCC2 BACKPLANE CONNECTOR BACKPLANE CARD CONNECTORS ENAN R2 10k R3 10k R4 10k R10 10k R6 10k I/O PERIPHERAL CARD 1 LTC4309 VCC GND LTC4309 VCC GND CARD 1_SDA CARD 1_SCL VCC2 SDAIN SCLIN FAULT READY ENABLE DISCEN SDAOUT SCLOUT ACC R7 10k C4 0.01μF C3 0.01μF C2 0.01μF R8 10k R9 10k I/O PERIPHERAL CARD N CARD N_SDA CARD N_SCL 4309 F01 Figure 5. The LTC4309 in an Application Where All the Pins Have the Same Length. APPLICATIONS INFORMATION |