Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC6908CDCB-2 Arkusz danych(PDF) 7 Page - Linear Technology

Numer części LTC6908CDCB-2
Szczegółowy opis  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CDCB-2 Arkusz danych(HTML) 7 Page - Linear Technology

Back Button LTC6908CDCB-2 Datasheet HTML 3Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 4Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 5Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 6Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 7Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 8Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 9Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 10Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6908-1/LTC6908-2
7
690812fa
IRES (µA)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.1
10
100
1000
690812 F01
1
V+ = 5V
V+ = 3V
TA = 25°C
OPERATIO
As shown in the Block Diagram, the LTC6908’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current entering the SET pin
(IMASTER). When the spread spectrum frequency modula-
tion (SSFM) is disabled, IMASTER is strictly determined by
the (V+ – VSET) voltage and the RSET resistor. When SSFM is
enabled, IMASTER is modulated by a filtered pseudorandom
noise (PRN) signal. Here the IMASTER current is a random
value uniformly distributed between (ISET – 10%) and (ISET
+ 10%). In this way the frequency of the master oscillator
is modulated to produce an approximately flat frequency
spectrum that is centered at the frequency set by the ISET
current, with a bandwidth equal to approximately 20% of
the center frequency.
The voltage on the SET pin is forced to approximately 1.1V
below V+ by the PMOS transistor and its gate bias volt-
age. This voltage is accurate to ±5% at a particular input
current and supply voltage (see Figure 1). The LTC6908
is optimized for use with resistors between 20k and 400k,
corresponding to output frequencies between 250kHz and
5MHz. Accurate frequencies up to 10MHz (RSET = 10k)
are attainable if the supply voltage is greater than 4V. The
RSET resistor, connected between the V
+ and SET pins,
locks together the (V+ – VSET) voltage and the current ISET.
This allows the parts to attain excellent frequency accuracy
regardless of the precision of the SET pin voltage. The
master oscillation frequency is:
fMASTER = 20MHz • 10k/RSET
The master oscillator signal is divided by 2 before driving
the output pins, resulting in the simple formula for the
Figure 3. Output Waveforms for LTC6908-1, LTC6908-2
Figure 2. RSET vs Desired Output Frequency
Figure 1. V+ – VSET Variation with IRES
OUT1
OUT2
OUT1
LTC6908-1 (COMPLEMENTARY)
LTC6908-2 (QUADRATURE)
OUT2
690812 F03
output frequency, fOUT, below (see Figure 2):
fOUT = 10MHz • 10k/RSET
When the spread spectrum frequency modulation (SSFM)
is disabled, the frequency fOUT is the final output fre-
quency. When SSFM is enabled, 0.9 • fOUT is the minimum
output frequency and 1.1 • fOUT is the maximum output
frequency.
Both outputs are nominally 50% duty cycle. There are 2
possible output configurations for the LTC6908, shown
in Figure 3.
Output Configurations
The only difference between the two versions of the
LTC6908 is the phase relationship between the two outputs.
The LTC6908-1 outputs are 180 degrees out of phase and
the LTC6908-2 outputs are 90 degrees out of phase. These
convenient output options are useful in synchronizing the
clocking of multiple phase switching regulator designs. In
very high current applications, a significant improvement
DESIRED OUTPUT FREQUENCY (Hz)
10k
10k
100k
1M
10M
100k
1M
10M
690812 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com