Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Arkusz danych(PDF) 12 Page - Linear Technology

Numer części LTM4602
Szczegółowy opis  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Arkusz danych(HTML) 12 Page - Linear Technology

Back Button LTM4602 Datasheet HTML 8Page - Linear Technology LTM4602 Datasheet HTML 9Page - Linear Technology LTM4602 Datasheet HTML 10Page - Linear Technology LTM4602 Datasheet HTML 11Page - Linear Technology LTM4602 Datasheet HTML 12Page - Linear Technology LTM4602 Datasheet HTML 13Page - Linear Technology LTM4602 Datasheet HTML 14Page - Linear Technology LTM4602 Datasheet HTML 15Page - Linear Technology LTM4602 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4602
12
4602fa
After the controller has been started and given adequate
time to charge up the output capacitor, CSS is used as a
short-circuit timer. After the RUN/SS pin charges above 4V,
if the output voltage falls below 75% of its regulated value,
then a short-circuit fault is assumed. A 1.8μA current then
begins discharging CSS. If the fault condition persists until
the RUN/SS pin drops to 3.5V, then the controller turns
off both power MOSFETs, shutting down the converter
permanently. The RUN/SS pin must be actively pulled
down to ground in order to restart operation.
The overcurrent protection timer requires the soft-start
timing capacitor CSS be made large enough to guarantee
that the output regulation by the time CSS has reached the
4V threshold. In general, this will depend upon the size of
the output capacitance, output voltage and load current
characteristic. A minimum external soft-start capacitor
can be estimated from:
CSS_EXT +1000pF >COUT •VOUT(10–3[F / VS])
Generally 0.1μF is more than sufficient.
Since the load current is already limited by the current mode
control and current foldback circuitry during a short circuit,
overcurrent latchoff operation is NOT always needed or
desired, especially if the output has large capacitance or
the load draws high current during start up. The latchoff
feature can be overridden by a pull-up current greater than
5μA but less than 80μA to the RUN/SS pin. The additional
current prevents the discharge of CSS during a fault and
also shortens the soft-start period. Using a resistor from
RUN/SS pin to VINisasimplesolutiontodefeatlatchoff.Any
pull-up network must be able to maintain RUN/SS above
Figure 4. Defeat Short-Circuit Latchoff with a Pull-Up
Resistor to VIN
Figure 3. RUN/SS Pin Voltage During Startup and
Short-Circuit Protection
4V maximum latchoff threshold and overcome the 4μA
maximum discharge current. Figure 3 shows a conceptual
drawing of VRUN during start-up and short circuit.
VRUN/SS
3.5V
t
t
75%VO
SWITCHING
STARTS
SOFT-START
CLAMPING
OF IL RELEASED
SHORT-CIRCUIT
LATCHOFF
OUTPUT
OVERLOAD
HAPPENS
SHORT-CIRCUIT
LATCH ARMED
4V
3V
1.5V
4602 F03
VOUT
VIN
VIN
RRUN/SS
RUN/SS
4602 F04
LTM4602
PGND SGND
VIN
4.5V TO 5.5V
10.8V TO 13.8V
16V TO 20V
RRUN/SS
50k
150k
330k
RECOMMENDED VALUES FOR RRUN/SS
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com