Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602V Arkusz danych(PDF) 9 Page - Linear Technology

Numer części LTM4602V
Szczegółowy opis  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602V Arkusz danych(HTML) 9 Page - Linear Technology

Back Button LTM4602V Datasheet HTML 5Page - Linear Technology LTM4602V Datasheet HTML 6Page - Linear Technology LTM4602V Datasheet HTML 7Page - Linear Technology LTM4602V Datasheet HTML 8Page - Linear Technology LTM4602V Datasheet HTML 9Page - Linear Technology LTM4602V Datasheet HTML 10Page - Linear Technology LTM4602V Datasheet HTML 11Page - Linear Technology LTM4602V Datasheet HTML 12Page - Linear Technology LTM4602V Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4602
9
4602fa
voltage VOUT needs to be margined up/down by ±M%,
the resistor values of RUP and RDOWN can be calculated
from the following equations:
(RSET RUP)• VOUT •(1+M%)
(RSET RUP)+100k
= 0.6V
RSET •VOUT •(1–M%)
RSET +(100k RDOWN)
= 0.6V
Input Capacitors
The LTM4602 μModule should be connected to a low
AC-impedance DC source. High frequency, low ESR input
capacitors are required to be placed adjacent to the mod-
ule. In Figure 21, the bulk input capacitor CIN is selected
for its ability to handle the large RMS current into the
converter. For a buck converter, the switching duty cycle
can be estimated as:
D=
VOUT
VIN
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
ICIN(RMS) =
IOUT(MAX)
%
•D •(1 D)
In the above equation, η% is the estimated efficiency of
the power module. C1 can be a switcher-rated electrolytic
aluminum capacitor, OS-CON capacitor or high volume
ceramic capacitors. Note the capacitor ripple current
ratings are often based on only 2000 hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
In Figure 21, the input capacitors are used as high frequency
input decoupling capacitors. In a typical 6A output applica-
tion, 1-2 pieces of very low ESR X5R or X7R, 10μF ceramic
capacitors are recommended. This decoupling capacitor
should be placed directly adjacent the module input pins
in the PCB layout to minimize the trace inductance and
high frequency AC noise.
The typical LTM4602 application circuit is shown in Fig-
ure 21. External component selection is primarily deter-
mined by the maximum load current and output voltage.
Output Voltage Programming and Margining
The PWM controller of the LTM4602 has an internal
0.6V reference voltage. As shown in the block diagram,
a 100k/0.5% internal feedback resistor connects VOUT
and VOSET pins. Adding a resistor RSET from VOSET pin to
SGND pin programs the output voltage:
VOUT = 0.6V •
100k +RSET
RSET
Table 1 shows the standard values of 1% RSET resistor
for typical output voltages:
Table 1
RSET
(kΩ)
Open
100
66.5
49.9
43.2
31.6
22.1
13.7
VOUT
(V)
0.6
1.2
1.5
1.8
2
2.5
3.3
5
Voltage margining is the dynamic adjustment of the output
voltage to its worst case operating range in production
testing to stress the load circuitry, verify control/protec-
tion functionality of the board and improve the system
reliability. Figure 2 shows how to implement margining
function with the LTM4602. In addition to the feedback
resistor RSET, several external components are added.
Turn off both transistor QUP and QDOWN to disable the
margining. When QUP is on and QDOWN is off, the output
voltage is margined up. The output voltage is margined
down when QDOWN is on and QUP is off. If the output
Figure 2. LTM4602 Margining Implementation
PGND
SGND
4602 F02
LTM4602
VOUT
VOSET
RSET
RUP
QUP
100k
2N7002
RDOWN
QDOWN
2N7002
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com