Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC3203 Arkusz danych(PDF) 14 Page - Linear Technology

Numer części LTC3203
Szczegółowy opis  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC3203 Arkusz danych(HTML) 14 Page - Linear Technology

Back Button LTC3203 Datasheet HTML 8Page - Linear Technology LTC3203 Datasheet HTML 9Page - Linear Technology LTC3203 Datasheet HTML 10Page - Linear Technology LTC3203 Datasheet HTML 11Page - Linear Technology LTC3203 Datasheet HTML 12Page - Linear Technology LTC3203 Datasheet HTML 13Page - Linear Technology LTC3203 Datasheet HTML 14Page - Linear Technology LTC3203 Datasheet HTML 15Page - Linear Technology LTC3203 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
14
32031fa
APPLICATIO S I FOR ATIO
LTC3203/LTC3203B COMPONENTS NOT USED
IN LTC3203-1 OR LTC3203B-1
GROUND PLANE
3206 F07
1
2
3
4
5
10
9
8
7
6
C2
COUT
C1
CIN
11
Figure 6. Recommended Layouts
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3203/
LTC3203-1/LTC3203B/LTC3203B-1. If the junction tem-
perature increases above approximately 150
°C, the ther-
mal shutdown circuitry will automatically deactivate the
output. To reduce the maximum junction temperature, a
good thermal connection to the PC board is recommended.
Connecting GND (Pin 9) and the exposed pad (Pin 11) of
the DFN package to a ground plane under the device on two
layers of the PC board can reduce the thermal resistance
of the package and PC board considerably.
Layout Considerations
Due to the high switching frequency and high transient
currents produced by the LTC3203/LTC3203-1/
LTC3203B/LTC3203B-1, careful board layout is neces-
sary for optimum performance. A true ground plane and
short connections to all the external capacitors will
improve performance and ensure proper regulation
under all conditions.
The flying capacitor pins C1+, C2+, C1– and C2– will have
very high edge rate waveforms. The large dV/dt on these
pins can couple energy capacitively to adjacent printed
circuit board runs. Magnetic fields can also be generated
if the flying capacitors are not close to the part (i.e. the loop
area is large). To decouple capacitive energy transfer, a
Faraday shield may be used. This is a grounded PC trace
between the sensitive node and the LTC3203/LTC3203-1/
LTC3203B/LTC3203B-1 pins. For a high quality AC ground
it should be returned to a solid ground plane that extends
all the way to the LTC3203/LTC3203-1/LTC3203B/
LTC3203B-1. To prevent degraded performance, the FB
trace should be kept away or be shielded from the flying
capacitor traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com